PART |
Description |
Maker |
TCP-3039H |
3.9 pF Passive Tunable Integrated Circuits (PTIC)
|
ON Semiconductor
|
C431T C431 C431E C431M C431N C431P C431PA C431PB C |
ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 1800V, 600A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
RM1A48A50 RM1A60A75 RM1A48A75 RM1A40A75 RM1A23D25 |
Solid-State Panel Mount Relay; Contacts:SPST; Output Device:Thyristor; Output Voltage Max:265VAC; Output Voltage Min:24VAC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:25A; Switching:Zero Cross
|
Carlo Gavazzi
|
SSC1000-25-12 SSC800-25-24 |
Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:1000VDC; Control Voltage Max:16VDC; Control Voltage Min:8VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):12 Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:800VDC; Control Voltage Max:28VDC; Control Voltage Min:20VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):24
|
CRYDOM CORP
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
CWD2410 CWD2410P |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:10Arms; Switching:Zero Cross; Relay Options:LED Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:10Arms; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
29705 29705BXA |
A TWO OUTPUT PORT SRAM featuring separate output control made from original AMD wafers
|
Rochester Electronics
|
TC62D723FG |
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
|
Toshiba Semiconductor
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
TLP114A TLP114ATPRF |
Photocoupler GaAlAs Ired & Photo IC Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor. 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
U2352BNBSP U2352B |
PWM control for portable tools: Speed control, current control From old datasheet system
|
Atmel Corp
|
PS3R5G PS24D4G |
Output to 5A, 30 Vdc AC/DC Control
|
Teledyne Technologies Incorporated.
|